Part Number Hot Search : 
2SB621 SQ15100 2SC2831A S5L9275 TC431 UC3842 XN4503 82C255
Product Description
Full Text Search
 

To Download MTPS8085FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTPS8085FT
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25 *Z) CONDITIONS ITEM SYMBOL Power Output IF=50mA PO Forward Voltage IF=50mA VF Reverse Current VR=5V IR Ep Peak Wavelength IF=50mA Spectral Line Half Width IF=50mA E Half Intensity Beam Angle IF=50mA AE
FORWARD I-V CHARACTERISTICS 120 100 FORWARD CURRENT(mA) 80 60 40 20 0 0 1 2 FORWARD VOLTAGE(V) 3 200 RELATIVE POWER OUTPUT(%)
Point Source LED
MIN 0.6
TYP 1.0 1.7 855 30 25
MAX 2.2 100
UNIT mW V EA nm nm deg.
RELATIVE POWER vs FORWARD CURRENT
150
100
FEATURES
Point-Source LED Emitting Window Dia.O150 Em High-output Power Small Temp. Coefficient ot PO Compact (O2mm)
50
@ Anode A Cathode Dimensions (Unit:mm)
SPECTRAL OUTPUT 120 RELATIVE POWER OUTPUT(%)
0 0 20 40 60 80 FORWARD CURRENT(mA) 100 120
APPLICATIONS Optical Switches Edge Sensing (Coin Dispenser) 1. ABSOLUTE MAXIMUM RATINGS (Ta=25*Z) ITEM RATINGS SYMBOL 80 Forward Current (DC) IF 0.4 Forward Current (Pulse)*1 IFP 5 Reverse Voltage VR 140 Power Dissipation PD Topr -20 TO 85 Operating Temp. Tstg -30 TO 100 Storage Temp. *1:Tw=10uS,T=10mS
RADIATION PATTERN 120 RELATIVE POWER OUTPUT(%) 100 80 60 40 20 0 -90 -60 -30 0 30 60 90 BEAM ANGLE(deg.) FORWARD CURRENT(mA) 120 100 80 60 40 20 0 -30
THERMAL DERATING CURVE
UNIT mA A V mW *Z *Z
100 80 60 40 20 0 755 855 WAVELENGTH(nm) 955
27
0
30
60
90
AMBIENT TEMPERATURE(*Z)
To purchase this part contact Marktech Optoelectronics at
800.984.5337
Marktech Optoelectronics
www.marktechopto.com


▲Up To Search▲   

 
Price & Availability of MTPS8085FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X